Part Number Hot Search : 
70280 00221 16210 SC862110 C970503 KBU600 MMBTA06 KBU4A07
Product Description
Full Text Search
 

To Download BAT54S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diode 400 mA
BAT54S
SOT-23 1. Anode 1 2. Cathode 2 3. Cathode 1/Anode 2 MARKING: L44
GENERAL PURPOSE DETEDTION HIGH SPEED SWITCHING LOW REVERSE CURRENT AND FORWARD VLOTAGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS] BETWEEN PIN 1 AND PIN 3 OR PIN2 AND PIN3 PARAMETERS Reverse Voltage Rectifying Current Peak Surge Current Forward Voltage SYMBOL MIN TYP MAX VR 30 IO 200 IFSM 600 VF 0.24 0.32 0.40 0.50 0.80 IR 2 CT 2.0 10 Pc 0.23 Tj 125 Tstg -40 125
Ta=25J^
UNIT V mA mA V
CONDITION IR=1mA 60Hz IF=0.1mA IF=1mA IF=10mA IF=30mA IF=100mA VR=25V VR=1V,f=1MHz
Reverse Current Capacitance Between Terminal Power Dissipation Junction Temperature Storage Temperature
uA pF W J J
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295


▲Up To Search▲   

 
Price & Availability of BAT54S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X